Part Number Hot Search : 
MBRF10H LC895198 4400B 2SC28 TE101RS 030000 70020 MAX9698
Product Description
Full Text Search
 

To Download P6SBMJ130CAPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 200 VOLTS 600 WATTS PEAK POWER 5.0 WATTS STEADY STATE
FEATURES
* * * * * * Plastic package 600W surge capability at 1ms Glass passivated chip junction in SMB Package Excellent clamping capability Low Zener lmpedance Fast response time: typically less than 1.0ps from 0 volts to BV min. * Typical IR less than 1 uA above 10V * High temperature soldering guaranteed : 260oC/10 seconds at terminals
P6SBMJ CA SERIES
SMB
0.155 (3.94) 0.130 (3.30)
0.083 (2.11) 0.077 (1.96)
(1) (2)
MECHANICAL DATA
Case: JEDEC SMB molded plastic Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Bidirectional Mounting Position: Any Weight: 0.003 ounce 0.093 gram
0.190 (4.75) 0.160 (4.06) 0.012 (0.305) 0.006 (0.152) 0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.008 (0.203)(max) 0.220 (5.59) 0.205 (5.21)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters)
SMB
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For Bidirectional use C or CA Suffix for types P6SBMJ6.8A thru types P6SBMJ200A Electrical characteristics apply in both directions.
MAXIMUM RATINGES ( At TA = 25oC unless otherwise noted ) RATINGS SYMBOL VALUE UNITS
Peak Power Dissipation at TA = 25oC, Tp = 1ms ( Note1 )
PPK
Minimum 600
Watts
Steady State Power Dissipation at TL = 75oC
PD
5.0
Watts
Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load ( Note 2 )
IFSM
100
Amps
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
o
C
NOTES : 1. Non-repetitive current pulse, per Fig. 3 and derated above TA = 25oC per Fig. 2. 2. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. 3. PC Board Mounted on 0.2 X 0.2" ( 5 X 5mm ) copper pad area
2003-01
Breakdown Voltage PRODUCT NO. VBR Volts ( NOTE 1 ) MIN. P6SBMJ6.8CAPT P6SBMJ7.5CAPT P6SBMJ8.2CAPT P6SBMJ9.1CAPT P6SBMJ10CAPT P6SBMJ11CAPT P6SBMJ12CAPT P6SBMJ13CAPT P6SBMJ15CAPT P6SBMJ16CAPT P6SBMJ18CAPT P6SBMJ20CAPT P6SBMJ22CAPT P6SBMJ24CAPT P6SBMJ27CAPT P6SBMJ30CAPT P6SBMJ33CAPT P6SBMJ36CAPT P6SBMJ39CAPT P6SBMJ43CAPT P6SBMJ47CAPT P6SBMJ51CAPT P6SBMJ56CAPT P6SBMJ62CAPT P6SBMJ68CAPT P6SBMJ75CAPT P6SBMJ82CAPT P6SBMJ91CAPT
P6SBMJ100CAPT P6SBMJ110CAPT P6SBMJ120CAPT P6SBMJ130CAPT P6SBMJ150CAPT P6SBMJ160CAPT P6SBMJ170CAPT P6SBMJ180CAPT P6SBMJ200CAPT
@ IT ( mA ) MAX. 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 116 126 137 158 168 179 189 210 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Working Peak Reverse Voltage
Maximum Reverse Leakage at Vrwm
Maximum Reverse Current ( NOTE 2 )
Maximum Reverse Voltage at Irsm ( clamping ) Vrsm ( V ) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103 113 125 137 152 165 179 207 219 234 246 274
Maximum Temperature Coefficient of Vbr
NOM. 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200
Vrwm ( V ) 5.80 6.40 7.02 7.78 8.55 9.40 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.0 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171
Ir ( uA ) 2000 1000 400 100 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Irsm ( A ) 57 53 50 45 41 38 36 33 28 27 24 22 20 18 16 14.4 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.3 2.9 2.7 2.6 2.4 2.2
( %C ) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108
6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105 114 124 143 152 162 171 190
RATING CHARACTERISTIC CURVES ( P6SBMJ6.8CAPT ~ P6SBMJ200CAPT )
FIG. 1 - PEAK PULSE POWER RATING CURVE 100 PPPM, PEAK PULSE POWER, KW
Non-Repetitive Pulse Waveform Shown in Fig.3 TA = 25 OC
FIG. 2 - PULSE DERATING CURVE PEAK PULSE POWER (PPP) OR CURRENT (IPP) DERATING IN PERCENTAGE,% 100
75
10
50
1.0
25
0.1 0.1uS
0 0 25 50
1.0uS
10uS
100uS
1.0mS
10mS
75
100
125
150
175
200
TP, PULSE WIDTH, Sec
TA, AMBIENT TEMPERATURE,( OC)
FIG. 3 - PULSE WAVEFORM 150
tr = 10usec. Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of IPPM
FIG. 4 - TYPICAL JUNCTION CAPACITANCE UNI-DIRECTIONAL 6,000
f = 1.0 MHz Vsig = 50mVp-p TJ = 25 OC
IPPM, PEAK PULSE CURRENT,%
CJ, CAPACITANCE, pF
Peak Value IPPM
Measured at Zero Bias
100
IPPM HALF VALUE 2 10/1000usec. Waveform as Defined by R.E.A.
1,000
50
100
Measured at Stand off Voltage,VWM
0 0
td
10 1.0 2.0 t, TIME,mS 3.0 4.0
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
RATING CHARACTERISTIC CURVES ( P6SMAJ6.8CAPT ~ P6SMAJ200CAPT )
FIG. 5 - STEADY STATE POWER DERATING CURVE 5.00 PM(AV), STEADY STATE POWER DISSIATION, WATTS IFSM, PEAK FORWARD SURGE CURRENT AMPERES
60Hz Resistive or Inductive Load
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNI-DIRECTIONAL 200
8.3ms Single Half Sine-Wave (JEDED Method)
3.75
100
2.50
1.25
0 0
25
50
75
100
125
150
175
200
10 1
10 NUMBER OF CYCLES AT 60 Hz
100
TL, LEAD TEMPERATURE ( OC)
FIG. 7 -TYPICAL REVERSE LEAKAGE CHARACTERISTICS 1000 IR, INSTANTANEOUS REVERSE LEAKAGE CHRRENT, MICROAMPERES
100
10
1
0.1
0.01
.001 0 100 200 300 400 500 V(BR) BREAKDOWN VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of P6SBMJ130CAPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X